Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43 111-100 Datasheet (PDF) - ABB

A43 111-100 Datasheet PDF - ABB
Part # A43 111-100
Download  A43 111-100 Download
File Size   287.44 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Active Energy Class ±1% (or B for MID meters).;

A43 111-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
A43 111-100 Datasheet PDF - ABB

Part # A43 111-100
Download  A43 111-100 Click to download

File Size   287.44 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Active Energy Class ±1% (or B for MID meters).;

A43 111-100 Datasheet (HTML) - ABB


A43 111-100 Product details

Extended Product Type A43 111-100
Product ID 2CMA170520R1000
ABB Type Designation A43 111-100
EAN 7392696705202
Catalog Description Active Energy Class ±1% (or B for MID meters).;
Long Description
Advanced DIN-rail meter with a large and easy to read back lighted pixel-oriented display.
The meter is intended for use in the industry, commercial buildings etc. The meter can be
used in 3 or 4 wire systems with a wide voltage range. The meter has several
instrumentation values, 25 possible alarms and event logs. Three phase direct connected
for active energy. One output for pulses or alarm etc. Accuracy class 1.0 (or B for MID
meters). The meters is IEC approved + MID approved and verified.
General Information




Similar Part No. - A43 111-100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
104Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
A43 ETC2-A43 Datasheet
103Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
Micrel Semiconductor
A43 MICREL-A43 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
More results


Similar Description - A43 111-100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
Designing Energy Meters with the PIC16F873A
2005
logo
SHANGHAI BELLING CO., L...
BL0952A BELLING-BL0952A Datasheet
516Kb / 13P
Three-phase Active Energy Meter
logo
Analog Devices
ADE7978 AD-ADE7978 Datasheet
1Mb / 120P
Isolated Energy Metering Chipset for Polyphase Shunt Meters
REV. 0
logo
SHANGHAI BELLING CO., L...
BL6513C BELLING-BL6513C Datasheet
643Kb / 15P
Polyphase Active Energy Meter
logo
Schneider Electric
A9MEM3110 SCHNEIDER-A9MEM3110 Datasheet
127Kb / 3P
iEM3110 energy meter - 63 A - 1 pulse O - MID
May 21, 2020
A9MEM3210 SCHNEIDER-A9MEM3210 Datasheet
127Kb / 3P
iEM3210 energy meter - CT - 1 pulse O - MID
May 21, 2020
A9MEM3310 SCHNEIDER-A9MEM3310 Datasheet
111Kb / 2P
iEM3310 energy meter - 125 A - 1 pulse O - MID
logo
Carlo Gavazzi Holding A...
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
Energy Management Energy Analyzer Type EM210 MID
logo
Analog Devices
ADE7978 AD-ADE7978_V01 Datasheet
2Mb / 125P
Isolated Energy Metering Chipset for Polyphase Shunt Meters
Rev. D
logo
Newnex Technology Corp.
FIRENEX-ULKX25 NEWNEX-FIRENEX-ULKX25 Datasheet
163Kb / 1P
FireNEX-uLINK USB 3.0 Active Repeater Cable , A to B, 25 Meters, Slim Repeater
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com